PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
NCV2951ACDR2G |
100 mA, Low Power Low Dropout Voltage Regulator
|
ON Semiconductor
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
LP295006 MSP430X21X1 NCV2574 NCV2951 LP2950ACZ-3.0 |
100 mA, Low Power Low Dropout Voltage Regulator MIXED SIGNAL MICROCONTROLLER 0.5 A, Adjustable Output Voltage, Step?Down Switching Regulator
|
Unisonic Technologies TI ONSEMI[ON Semiconductor]
|
SG2002-2.5 SG2002-2.5XN5_TR SG2002-2.8 SG2002-2.85 |
300mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
CS8101YD8 CS8101-D |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low DropoutLinear Regulator with RESETbar and ENABLEbar Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with Inverted RESET and Inverted ENABLE
|
On Semiconductor
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|